Part Number Hot Search : 
M24256 FU320 33880 AM186 A1627 STM4433A TDA2051V 02002
Product Description
Full Text Search
 

To Download DDTC144ELP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC144ELP
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Features
* * * * * * * Epitaxial Planar Die Construction Complementary PNP Type Available (DDTA144ELP) Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 2) Qualified to AEC-Q101 Standards for High Reliability DFN1006-3
C3 (or -supply) E 2
3
2E
R1 R2
C
1B
NEW PRODUCT
Mechanical Data
* * * * * * * * Case: DFN1006-3 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Collector Dot - See Marking Information Terminals: Finish -- NiPdAu over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Code N6, Dot denotes Collector Side Ordering Information: See Page 3 Weight: 0.001 grams (approximate) Component P/N DDTC144ELP R1(NOM) 47K
IN
1 B
OUT
IN
B
1 2
3
C OUT (or -supply)
R1 R2
E
+ Supply or GND
GND (or +supply)
Schematic and Pin Configuration
Equivalent Inverter Circuit
R2(NOM) 47K
Maximum Ratings
Supply Voltage Input Voltage Output Current
@TA = 25C unless otherwise specified Symbol VCC VIN IC(max) Value 50 -10 to +40 100 Unit V V mA
Characteristic
Thermal Characteristics
Characteristic Power Dissipation (Note 3) Power Deration above 25C Thermal Resistance, Junction to Ambient Air (Note 3) Operation and Storage Temperature Range Symbol PD Pder RJA Tj, TSTG Value 250 2 500 -55 to +150 Unit mW mW/C C/W C
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Base Cut Off Current Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency*
* Characteristics of transistor only. Notes:
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO ICBO VI(OFF) VI(ON) VO(ON) II IO(OFF) G1 R1 R2/R1 fT Min 50 50 3 68 32.9 0.8 Typ 1.2 1.6 47 1 250 Max 0.5 0.5 0.3 0.18 0.5 61.1 1.2 Unit V V A V V mA A k MHz Test Condition IC = 10A, IE = 0 IC = 1.0mA, IB = 0 VCB = 50V, IE = 0 VCE = 5V, IO = 100A VO = 0.3V, IO = 2mA IO/II = 10mA/0.5mA VI = 5V VCC = 50V, VI = 0V VO = 5V, IO = 5mA VCE = 10V, IE = 5mA, f = 100MHz
B
1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 PCB, 1" x 0.85" x 0.062"; pad layout as shown on page 3 or Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS31245 Rev. 2 - 2
1 of 3 www.diodes.com
DDTC144ELP
(c) Diodes Incorporated
1,000
PD, POWER DISSIPATION (mW)
100
NEW PRODUCT
10
1
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
DS31245 Rev. 2 - 2
2 of 3 www.diodes.com
DDTC144ELP
(c) Diodes Incorporated
Ordering Information (Note 4)
Device DDTC144ELP-7
Notes:
Packaging DFN1006-3
Shipping 3000/Tape & Reel
4. For packaging details, go to our website at http://www.diodes.com/ap2007.pdf.
Marking Information
NEW PRODUCT
N6
N6 = Product Type Marking Code Dot Denotes Collector, Pin 3
Mechanical Details
G H A K BC M
D
N
L
DFN1006-3 Dim Min Max Typ A 0.95 1.075 1.00 B 0.55 0.675 0.60 C 0.45 0.55 0.50 D 0.20 0.30 0.25 G 0.47 0.53 0.50 H 0 0.05 0.03 K 0.10 0.20 0.15 L 0.20 0.30 0.25 M 0.35 N 0.40 All Dimensions in mm
Suggested Pad Layout
C
X1
X
G2
Dimensions Z G1 G2 X X1 Y C
Value (in mm) 1.1 0.3 0.2 0.7 0.25 0.4 0.7
Y Z
G1
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS31245 Rev. 2 - 2
3 of 3 www.diodes.com
DDTC144ELP
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC144ELP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X